Part Number Hot Search : 
CTUXX 0603C10 UPC2776T MAX809TD AZ78M06D 1N4743A EL206 SKIIP2
Product Description
Full Text Search
 

To Download FX532AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | taiwan tel: +886.2.22073427 fax +886.2.22073486 | japan tel: +81.3.3374.2079 fax: +81.3.3374.5221 ? 2008 fox electronics | iso9001:2000 certifed model number part number ? part number selection learn more - internet required frequency range (mhz) 10.000 ~ 67.000 10.000 ~ 67.000 FX532AG fx532cg 419g-frequency-xxxxx 646g-frequency-xxxxx 1 other tolerances, stabilities & operating temperature ranges available. ceramic smd glass seal crystal rev. 6/9/2008 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: fx532_g series page 1 of 2 parameters frequency range (fo) frequency tolerance @ 25oc frequency stability, ref. @ 25oc over operating temp. range temperature range operating (t opr ) storage (t stg ) shunt capacitance (co) load capacitance (c l ) drive level aging per year maximum soldering temp/time moisture sensitivity level (msl) termination finish 10.000 ~ 67.000 mhz 50ppm 1 50 ppm 1 -10oc ~ +70oc 1 -40oc ~ +85oc 7 pf 8 pf ~ series (customer specifed) 0.1 mw 5 ppm 260oc / 10 seconds 1 au ? standard specifications 1 max (unless otherwise noted) note: dimensional drawing is for reference to critical specifcations defned by size measure - ments. certain non-critical visual attributes, such as side castellations, etc. may vary. the above specifcations, having been carefully prepared and checked, is believed to be ac - curate at the time of publication; however, no responsibility is assumed by fox electronics for inaccuracies . 10.000 ~ 19.999 20.000 ~ 29.999 30.000 ~ 54.000 45.000 ~ 67.000 frequency range (mhz) fundamental fundamental fundamental 3 rd ot 120 70 50 90 operating mode max esr ? recommended solder pad layout 1 .8 2 .0 2 .4 5 .0 0 .2 3 .2 0 .2 2 .4 2 .0 1 .3 1 .4 m ax f x 5 32 a g solder pad layout recommended f x 5 32 c g b o tto m v iew # 4 # 3 # 2 # 1 1 .4 1 .4 1 .3 2 .6 2 .6 1 .6 all dimensions are in millimeters.
21 fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | taiwan tel: +886.2.22073427 fax +886.2.22073486 | japan tel: +81.3.3374.2079 fax: +81.3.3374.5221 ? 2008 fox electronics | iso9001:2000 certifed ceramic smd glass seal crystal rev. 6/9/2008 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: fx532_g series page 2 of 2 ? tape specifications (millimeters) model fx532_g a ? 1.5 b 4.0 c 8.0 d 5.5 e 12.0 f 1.5 std reel qty 1,000 ? reel specifications (millimeters) g 2.5 h ? i 21.6 j 60 k 178 l 13.5 m 1.6 model fx532_g


▲Up To Search▲   

 
Price & Availability of FX532AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X